データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA280 データシート(PDF) 20 Page - Pico Technology Ltd.

部品番号 TA280
部品情報  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PICO [Pico Technology Ltd.]
ホームページ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA280 データシート(HTML) 20 Page - Pico Technology Ltd.

Back Button TA280 Datasheet HTML 16Page - Pico Technology Ltd. TA280 Datasheet HTML 17Page - Pico Technology Ltd. TA280 Datasheet HTML 18Page - Pico Technology Ltd. TA280 Datasheet HTML 19Page - Pico Technology Ltd. TA280 Datasheet HTML 20Page - Pico Technology Ltd. TA280 Datasheet HTML 21Page - Pico Technology Ltd. TA280 Datasheet HTML 22Page - Pico Technology Ltd. TA280 Datasheet HTML 23Page - Pico Technology Ltd. TA280 Datasheet HTML 24Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
PicoScope® 6000E Series
Arbitrary waveform and function generator
All PicoScope 6000E models have a built-in 50 MHz function (sine and square wave) generator, with triangle, DC level, white noise, PRBS and other waveforms possible at lower
frequencies. As well as basic controls to set level, offset and frequency, more advanced controls allow you to sweep over a range of frequencies. Combined with the spectrum peak-
hold option, this makes a powerful tool for testing amplifier and filter responses.
Trigger tools allow one or more cycles of a waveform to be output when various conditions are met, such as the scope triggering, a trigger event on the aux input, or a mask limit
test failing.
All models also include a 14-bit 200 MS/s arbitrary waveform generator (AWG). This has a variable sample clock, which avoids the jitter on waveform edges seen with fixed-clock
generators and allows generation of accurate frequencies down to 100 µHz. AWG waveforms can be created or edited using the built-in editor, imported from oscilloscope traces,
loaded from a spreadsheet or exported to a CSV file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42