データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CKB.M02.GLLA データシート(PDF) 1 Page - LEMO Connectors

部品番号 CKB.M02.GLLA
部品情報  REDEL P - Push-Pull
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEMO [LEMO Connectors]
ホームページ  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

CKB.M02.GLLA データシート(HTML) 1 Page - LEMO Connectors

  CKB.M02.GLLA Datasheet HTML 1Page - LEMO Connectors CKB.M02.GLLA Datasheet HTML 2Page - LEMO Connectors CKB.M02.GLLA Datasheet HTML 3Page - LEMO Connectors CKB.M02.GLLA Datasheet HTML 4Page - LEMO Connectors CKB.M02.GLLA Datasheet HTML 5Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-p-push-pull/ckb-m02-glla.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
CKB.M02.GLLA
Image for illustrative purpose only
Summary
Request a quote
P series catalog
Industry Brochure Medical
Number of contacts Low Voltage
2
Wire Size/AWG
22 - 14
Gender
Standard
Socket / Receptacle
Socket / Receptacle - Fixed Panel Rear Mounted
Locking system
Push-pull
Jacket cable outside diameter [mm]
1.00 - 15.60 mm
Size
2P
Suggested matching part
CAB.M02.GLA.C72G
CAB.M02.GLA.C72AZ
Series
REDEL P - Push-Pull


同様の部品番号 - CKB.M02.GLLA

メーカー部品番号データシート部品情報
logo
LEMO Connectors
CKB.M02.GLLG LEMO-CKB.M02.GLLG Datasheet
236Kb / 5P
REDEL P - Push-Pull
CKB.M02.GLLN LEMO-CKB.M02.GLLN Datasheet
236Kb / 5P
REDEL P - Push-Pull
CKB.M02.GLLR LEMO-CKB.M02.GLLR Datasheet
236Kb / 4P
REDEL P - Push-Pull
More results

同様の説明 - CKB.M02.GLLA

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
logo
Coilcraft lnc.
PA6381 COILCRAFT-PA6381_16 Datasheet
167Kb / 2P
Push-Pull Transformers
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com