データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CKB.M03.GLLG データシート(PDF) 3 Page - LEMO Connectors

部品番号 CKB.M03.GLLG
部品情報  REDEL P - Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEMO [LEMO Connectors]
ホームページ  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

CKB.M03.GLLG データシート(HTML) 3 Page - LEMO Connectors

  CKB.M03.GLLG Datasheet HTML 1Page - LEMO Connectors CKB.M03.GLLG Datasheet HTML 2Page - LEMO Connectors CKB.M03.GLLG Datasheet HTML 3Page - LEMO Connectors CKB.M03.GLLG Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-p-push-pull/ckb-m03-gllg.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Environment
Technical domain
Energy and Industrial, Medical, Test and Measurement,
Transportation, Aerospace and UAV
Environmental sealing (IP rating)
IP50
Endurance
>5000 mating cycles
Temperature range
-50°C / +150°C
F ret (max)
250 N
F ret (min)
150 N
Steam sterilization
Compiles with ISO 17665:2024 sterilization standard for
autoclave, ISO 11135:2014 for EtO, and ISO 11137-1,
-2, -3 standards for gamma, e-beam x-ray. For more
details on sterilization methods and cycles, please
contact us.
Cable fixation
Jacket cable outside diameter [mm]
1.00 - 15.60 mm
Drawings
Dimensions
N
a
mm.
23.8
3.4-4.9
in.
0.94



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com