| データシートサーチシステム |
|
PC0801ARS-0 データシート(PDF) 13 Page - Powertip Technology |
|
|
|||||||||||||||||||||||||||||
PC0801ARS-0 データシート(HTML) 13 Page - Powertip Technology |
|
13 / 65 page ![]() PROFILE NEWS TECHNICAL PRODUCTS STOCKING DISTRIBUTOR SALES NETWORK CONTACT US Interface With MPU Example of interfacing to an 8-bit MPU(Z80) Example of interfacing to a 4-bit MPU If interface data is 4-bits long If interface data is 8-bits long Example of interfacing to an 8-bit MPU(Z80) Example of interface to a 4-bit MPU Interface to a 4-bit MPU can be made through the I/O port of the 4-bit MPU. If there are sufficient I/O ports, data can be transferred at 8-bit cycles, however, if there are not, data transfer can be accomplished by two cycles of 4-bit transfers (select interface as 4-bits long). Please take into account that 2 cycles of the BF check will be necessary and the timing sequence will prove to be complicated. Page 1 of 3 Powertip Technology, Inc. 11/10/2004 http://www.powertipusa.com/mpu.htm |