| データシートサーチシステム |
|
ICM7556IPDZ データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICM7556IPDZ データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 13 page ![]() ICM7555, ICM7556 FN2867 Rev.10.01 Page 2 of 13 Mar 5, 2020 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) TAPE AND REEL (UNITS) PACKAGE (RoHS COMPLIANT) PKG. DWG. # ICM7555CBAZ (Notes 2, 3) 7555 CBAZ 0 to +70 8 Ld SOIC M8.15 ICM7555CBAZ-T (Notes 1, 2, 3) 7555 CBAZ 0 to +70 2.5k 8 Ld SOIC M8.15 ICM7555IBAZ (Notes 2, 3) 7555 IBAZ -25 to +85 8 Ld SOIC M8.15 ICM7555IBAZ-T (Notes 1, 2, 3) 7555 IBAZ -25 to +85 2.5k 8 Ld SOIC M8.15 ICM7555IPAZ (Notes 2, 3) 7555 IPAZ -25 to +85 8 Ld PDIP E8.3 ICM7556IPDZ (Notes 2, 3) ICM7556IPDZ -25 to +85 14 Ld PDIP E14.3 NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020. 3. For Moisture Sensitivity Level (MSL), please see product information page for ICM7555, ICM7556. For more information on MSL, please see tech brief TB363. |