データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M39832NE データシート(PDF) 2 Page - STMicroelectronics

部品番号 M39832NE
部品情報  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE データシート(HTML) 2 Page - STMicroelectronics

  M39832NE Datasheet HTML 1Page - STMicroelectronics M39832NE Datasheet HTML 2Page - STMicroelectronics M39832NE Datasheet HTML 3Page - STMicroelectronics M39832NE Datasheet HTML 4Page - STMicroelectronics M39832NE Datasheet HTML 5Page - STMicroelectronics M39832NE Datasheet HTML 6Page - STMicroelectronics M39832NE Datasheet HTML 7Page - STMicroelectronics M39832NE Datasheet HTML 8Page - STMicroelectronics M39832NE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Warning: NC = Not Connected.
VSS
DQ8
DQ1
A6
A1
EF
A3
A2
EE
DQ14
A9
A10
DQ12
W
A15
DQ10
DQ6
VCC
DQ9
DQ2
DQ3
DQ11
DQ4
RP
NC
A18
A7
FRB
NC
A17
AI00845
M39832
12
1
13
24
25
36
37
48
A0
A8
DQ13
ERB
DQ5
A5
DQ0
A4
G
A16
BYTE
VSS
DQ15A–1
DQ7
A13
A14
A12
A11
Figure 2. TSOP Pin Connections
A0-A18
Address Inputs
DQ0-DQ7
Data Input/Outputs, Commands Input
DQ8-DQ14
Data Input/Outputs
DQ15A–1
Data Input/Outputs or Address Input
EE
EEPROM Array Enable
EF
Flash Array Enable
G
Output Enable
W
Write Enable
RP
Reset/Block Temporary Unprotect
ERB
EEPROM Ready/Busy Output
FRB
Flash Ready/Busy Output
BYTE
Flash Array Byte/Word Organization
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
DESCRIPTION (cont’d)
The M39832 Flash Memory array can be config-
ured as 1Mb x8 or 512Kb x16 with the BYTE input
pin. The M39832-T and M39832-B feature asymet-
rically blocked architecture providing system mem-
ory integration. Both M39832-B and M39832-T
devices have a Flash array of 19 blocks, one Boot
Block of 16 KBytes or 8 KWords, two Parameter
Blocks of 8 KBytes or 4 KWords, one Main Block
of 32 KBytes or 16 KWords and fifteen Main Blocks
of 64 KBytes or 32 KWords. The M39832-T has the
Boot Block at the top of the memory address space
and the M39832-B locates the Boot Block starting
at the bottom. The memory maps are showed in
Figures 3A and 3B. Each block can be erased
separately,any combination of blocks can be speci-
fied for multi-block erase or the entire chip may be
erased. The Erase operations are managed auto-
matically. The block erase operation can be sus-
pended in order to read from or program to any
block not being ersased, and then resumed. Block
protection provides additional data security. Each
block can be separately protected or unprotected
against Program or Erase on programming equip-
ment. All previously protected blocks can be tem-
porarily unprotected in the application. The Flash
memory array is functionally compatible with the
M29W800 Single Voltage Flash Memory device.
During a Program or Erase cycle in the Flash array
or during a Write in the EEPROM array, status bits
available on certain DQn pins provide information
on the M39832 internal logic.
PIN DESCRIPTION
Byte/Word Organization Select (BYTE). The
BYTE input selects the output configuration for the
Flash array: Byte-wide (x8) mode or Word-wide
(x16) mode. The EEPROM array and the 64 Bytes
OTP Row are always accessed Byte-wide (x8).
When BYTE is High, the Word-wide mode is se-
lected for the Flash array (x16) and the data are
read and programmed on DQ0-DQ15. The Flash
array is accessed with A0-A18 Adrress lines. In this
mode, data in the EEPROM array (x8) are read and
programmed on DQ0-DQ7 and the array is ac-
cessed with A0-A14. The 64 bytes OTP are read
and programmed on DQ0-DQ7 and are accessed
with A0-A5 and A6 = 0.
When BYTE is Low, the Byte-wide mode is selected
for the Flash array (x8) and the data are read and
2/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36