データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF80ABPT データシート(PDF) 33 Page - STMicroelectronics

部品番号 LF80ABPT
部品情報  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF80ABPT データシート(HTML) 33 Page - STMicroelectronics

Back Button LF80ABPT Datasheet HTML 26Page - STMicroelectronics LF80ABPT Datasheet HTML 27Page - STMicroelectronics LF80ABPT Datasheet HTML 28Page - STMicroelectronics LF80ABPT Datasheet HTML 29Page - STMicroelectronics LF80ABPT Datasheet HTML 30Page - STMicroelectronics LF80ABPT Datasheet HTML 31Page - STMicroelectronics LF80ABPT Datasheet HTML 32Page - STMicroelectronics LF80ABPT Datasheet HTML 33Page - STMicroelectronics LF80ABPT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
LF00 SERIES
33/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
6.80
6.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319
Tape & Reel DPAK-PPAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34