データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T00M データシート(PDF) 6 Page - STMicroelectronics

部品番号 M41T00M
部品情報  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M データシート(HTML) 6 Page - STMicroelectronics

Back Button M41T00M Datasheet HTML 2Page - STMicroelectronics M41T00M Datasheet HTML 3Page - STMicroelectronics M41T00M Datasheet HTML 4Page - STMicroelectronics M41T00M Datasheet HTML 5Page - STMicroelectronics M41T00M Datasheet HTML 6Page - STMicroelectronics M41T00M Datasheet HTML 7Page - STMicroelectronics M41T00M Datasheet HTML 8Page - STMicroelectronics M41T00M Datasheet HTML 9Page - STMicroelectronics M41T00M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M41T00
6/15
Table 9. Power Down/Up AC Characteristics (1)
(TA = –40 to 85°C)
Note: 1. VCC fall time should not exceed 5mV/µs.
Symbol
Parameter
Min
Max
Unit
tPD
SCL and SDA at VIH before Power Down
0ns
tREC
SCL and SDA at VIH after Power Up
10
µs
Acknowledge. Each byte of eight bits is followed
by one acknowledge bit. This acknowledge bit is a
low level put on the bus by the receiver, whereas
the master generates an extra acknowledge relat-
ed clock pulse.
A slave receiver which is addressed is obliged to
generate an acknowledge after the reception of
each byte. Also, a master receiver must generate
an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter.
The device that acknowledges has to pull down
the SDA line during the acknowledge clock pulse
in such a way that the SDA line is a stable Low dur-
ing the High period of the acknowledge related
clock pulse. Of course, setup and hold times must
be taken into account. A master receiver must sig-
nal an end-of-data to the slave transmitter by not
generating an acknowledge on the last byte that
has been clocked out of the slave. In this case, the
transmitter must leave the data line High to enable
the master to generate the STOP condition.
Figure 5. Power Down/Up Mode AC Waveforms
AI00596
VCC
tREC
tPD
VSO
SDA
SCL
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15