| データシートサーチシステム |
|
PC0801ARS-F データシート(PDF) 26 Page - Powertip Technology |
|
|
|||||||||||||||||||||||||||||
PC0801ARS-F データシート(HTML) 26 Page - Powertip Technology |
|
26 / 65 page ![]() ST7066U V2.0 2001/03/01 3/42 !"Block Diagram Reset circuit CPG Timing generator Instruction register(IR) Instruction decoder Display data RAM (DDRAM) 80x8 bits 16-bit shift register Common signal driver 40-bit latch circuit 40-bit shift register Segment signal driver LCD drive voltage selector Address counter Data register (DR) Busy flag MPU interface Input/ output buffer Character generator RAM (CGRAM) 64 bytes Character generator ROM (CGROM) 13,200 bits Cursor and blink controller Parallel/serial converter and attribute circuit RS RW E DB4 to DB7 DB0 to DB3 GND Vcc V1 V2 V3 V4 V5 OSC1 OSC2 CL1 CL2 M D COM1 to COM16 SEG1 to SEG40 |