| データシートサーチシステム |
|
M48Z128SH データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48Z128SH データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() 13/17 M48Z128, M48Z128Y Table 14. SOH28 - 28 lead Plastic Small Outline, battery SNAPHAT, Package Mechanical Data Symbol mm inches Typ Min Max Typ Min Max A 3.05 0.120 A1 0.05 0.36 0.002 0.014 A2 2.34 2.69 0.092 0.106 B 0.36 0.51 0.014 0.020 C 0.15 0.32 0.006 0.012 D 17.71 18.49 0.697 0.728 E 8.23 8.89 0.324 0.350 e 1.27 – – 0.050 – – eB 3.20 3.61 0.126 0.142 H 11.51 12.70 0.453 0.500 L 0.41 1.27 0.016 0.050 α 0 ° 8 ° 0 ° 8 ° N28 28 CP 0.10 0.004 Figure 13. SOH28 - 28 lead Plastic Small Outline, battery SNAPHAT, Package Outline Drawing is not to scale. SOH-A E N D C L A1 α 1 H A CP Be A2 eB |