データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M48Z129YPM データシート(PDF) 12 Page - STMicroelectronics

部品番号 M48Z129YPM
部品情報  3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129YPM データシート(HTML) 12 Page - STMicroelectronics

Back Button M48Z129YPM Datasheet HTML 5Page - STMicroelectronics M48Z129YPM Datasheet HTML 6Page - STMicroelectronics M48Z129YPM Datasheet HTML 7Page - STMicroelectronics M48Z129YPM Datasheet HTML 8Page - STMicroelectronics M48Z129YPM Datasheet HTML 9Page - STMicroelectronics M48Z129YPM Datasheet HTML 10Page - STMicroelectronics M48Z129YPM Datasheet HTML 11Page - STMicroelectronics M48Z129YPM Datasheet HTML 12Page - STMicroelectronics M48Z129YPM Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
M48Z129Y, M48Z129V
12/13
Table 13. PMDIP32 - 32 pin Plastic Module DIP, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.52
0.365
0.375
A1
0.38
–
0.015
–
B
0.43
0.59
0.017
0.023
C
0.20
0.33
0.008
0.013
D
42.42
43.18
1.670
1.700
E
18.03
18.80
0.710
0.740
e1
2.29
2.79
0.090
0.110
e3
34.29
41.91
1.350
1.650
eA
14.99
16.00
0.590
0.630
L
3.05
3.81
0.120
0.150
S
1.91
2.79
0.075
0.110
N32
32
Figure 11. PMDIP32 - 32 pin Plastic Module DIP, Package Outline
Drawing is not to scale.
PMDIP
A1
A
L
Be1
D
E
N
1
eA
e3
S
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13