| データシートサーチシステム |
|
M48T59PC データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T59PC データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() M48T59, M48T59Y, M48T59V 16/21 Table 14. Ordering Information Scheme Note: 1. The M48T59 part is offered with the PCDIP28 (i.e. CAPHAT) package only. 2. The SOIC package (SOH28) requires the battery/crystal package (SNAPHAT) which is ordered separately under the part number "M4TXX-BR12SH1" in plastic tube or "M4TXX-BR12SH1TR" in Tape & Reel form. 3. Available in SOIC package only. Caution: Do not place the SNAPHAT battery/crystal package "M4TXX-BR12SH1" in conductive foam since will drain the lithium button- cell battery. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the ST Sales Office nearest to you. Example: M48T59Y -70 MH 1 TR Device Type M48T Supply Voltage and Write Protect Voltage 59 (1) = VCC = 4.75V to 5.5V; VPFD = 4.5V to 5.5V 59Y = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V 59V = VCC = 3.0V to 3.6V; VPFD = 2.7V to 3.0V Speed -70 = 70ns Package PC = PCDIP28 MH (2) = SOH28 Temperature Range 1 = 0 to 70 °C 6 (3) = –40 to 85 °C Shipping Method for SOIC blank = Tubes TR = Tape & Reel |