| データシートサーチシステム |
|
M28W640ECT85ZB6F データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT85ZB6F データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 55 page ![]() 21/55 M28W640ECT, M28W640ECB MAXIMUM RATING Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause per- manent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not im- plied. Exposure to Absolute Maximum Rating con- ditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality docu- ments. Table 12. Absolute Maximum Ratings Note: 1. Depends on range. Symbol Parameter Value Unit Min Max TA Ambient Operating Temperature (1) – 40 85 °C TBIAS Temperature Under Bias – 40 125 °C TSTG Storage Temperature – 55 155 °C VIO Input or Output Voltage – 0.6 VDDQ+0.6 V VDD, VDDQ Supply Voltage – 0.6 4.1 V VPP Program Voltage – 0.6 13 V |