データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M48T59-70PC6 データシート(PDF) 2 Page - STMicroelectronics

部品番号 M48T59-70PC6
部品情報  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC6 データシート(HTML) 2 Page - STMicroelectronics

  M48T59-70PC6 Datasheet HTML 1Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 2Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 3Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 4Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 5Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 6Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 7Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 8Page - STMicroelectronics M48T59-70PC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
M48T59, M48T59Y, M48T59V
2/21
Figure 2A. DIP Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
IRQ/FT
A10
A8
A9
DQ7
W
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
RST
VCC
AI01381D
M48T59
M48T59Y
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
Table 2. Absolute Maximum Ratings (1)
Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect
reliability.
2. Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
CAUTION: Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Table 3. Operating Modes (1)
Note: 1. X = VIH or VIL; VSO = Battery Back-up Switchover Voltage.
2. See Table 7 for details.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
Grade 1
0 to 70
°C
Grade 6
–40 to 85
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
TSLD
(2)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
M48T59/M48T59Y
–0.3 to 7
V
M48T59V
–0.3 to 4.6
IO
Output Current
20
mA
PD
Power Dissipation
1
W
Mode
VCC
E
G
W
DQ7-DQ0
Power
Deselect
4.75V to 5.5V
or
4.5V to 5.5V
or
3.0V to 3.6V
VIH
X
X
High Z
Standby
Write
VIL
X
VIL
DIN
Active
Read
VIL
VIL
VIH
DOUT
Active
Read
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(2)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO
X
X
X
High Z
Battery Back-up Mode
Figure 2B. SOIC Connections
AI01382E
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
IRQ/FT
A10
A8
A9
DQ7
W
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
RST
VCC
M48T59Y
M48T59V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21