| データシートサーチシステム |
|
LNBS21 データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBS21 データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 21 page ![]() LNBS21 7/21 LNBS1 SOFTWARE DESCRIPTION INTERFACE PROTOCOL The interface protocol comprises: - A start condition (S) - A chip address byte = hex 10 / 11 (the LSB bit determines read(=1)/write(=0) transmission) - A sequence of data (1 byte + acknowledge) - A stop condition (P) ACK= Acknowledge S= Start P= Stop R/W= Read/Write SYSTEM REGISTER (SR, 1 BYTE) R,W= read and write bit R= Read-only bit All bits reset to 0 at Power-On TRANSMITTED DATA (I2C BUS WRITE MODE) When the R/W bit in the chip address is set to 0, the main µP can write on the System Register (SR) of the LNBS21 via I2C bus. Only 6 bits out of the 8 available can be written by the µP, since the remaining 2 are left to the diagnostic flags, and are read-only. X= don't care. Values are typical unless otherwise specified RECEIVED DATA (I2C bus READ MODE) The LNBS21 can provide to the Master a copy of the SYSTEM REGISTER information via I2C bus in read mode. The read mode is Master activated by sending the chip address with R/W bit set to 1. At the following master generated clocks bits, the LNBS21 issues a byte on the SDA data bus line (MSB transmitted first). At the ninth clock bit the MCU master can: - acknowledge the reception, starting in this way the transmission of another byte from the LNBS21; - no acknowledge, stopping the read mode communication. While the whole register is read back by the µP, only the two read-only bits OLF and OTF convey diagnostic informations about the LNBS21. CHIP ADDRESS DATA MSB LSB MSB LSB S 0001000 R/W ACK ACK P MSB LSB R, W R, W R, W R, W R, W R, W R R PCL ISEL TEN LLC VSEL EN OTF OLF PCL ISEL TEN LLC VSEL EN OTF OLF Function 001 X X VOUT=13V, VUP=16V Loopthrough switch open 011 X X VOUT=18V, VUP=21V Loopthrough switch open 101 X X VOUT=14V, VUP=17V Loopthrough switch open 111 X X VOUT=19V, VUP=22V Loopthrough switch open 0 1 X X 22KHz tone is controlled by DSQIN pin 1 1 X X 22KHz tone is ON, DSQIN pin disabled 01 X X IOUT(min)=500mA, IOUT(max)=650mA ISC=300mA 11 X X IOUT(min)=400mA, IOUT(max)=550mA ISC=300mA 0 1 X X Pulsed (dynamic) current limiting is selected 1 1 X X Static current limiting is selected X XXXX 0 X X Power blocks disabled, Loopthrough switch closed |