| データシートサーチシステム |
|
M50LPW041K データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50LPW041K データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 37 page ![]() 3/37 M50LPW041 Figure 4. TSOP Connections AI06872 A1 A0 DQ0 A7 A4 A3 A2 A6 A5 A9 A8 W VSS VCC DQ7 G RB DQ5 DQ1 DQ2 DQ3 DQ4 DQ6 ID1 LAD1 LAD2 GPI3 TBL ID2 GPI0 WP NC VCC NC IC (VIL) RFU GPI4 NC VSS LFRAME RFU LAD3 VSS VCC RFU RFU NC CLK RP NC VPP VCC NC M50LPW041 10 1 11 20 21 30 31 40 ID3 NC INIT NC RFU GPI2 LAD0 GPI1 ID0 VSS NC NC NC IC (VIH) NC NC NC NC RC RP VPP VCC NC A10 VSS VSS VCC Table 1. Signal Names (LPC Interface) Memory LAD0-LAD3 Input/Output Communications LFRAME Input Communication Frame ID0-ID3 Identification Inputs GPI0-GPI4 General Purpose Inputs IC Interface Configuration RP Interface Reset INIT CPU Reset CLK Clock TBL Top Block Lock WP Write Protect RFU Reserved for Future Use. Leave disconnected or set at VIL or VIH. VCC Supply Voltage VPP Optional Supply Voltage for Fast Erase Operations VSS Ground NC Not Connected Internally designed to remove the need for the ISA bus in current PC Chipsets; the M50LPW041 acts as the PC BIOS on the Low Pin Count bus for these PC Chipsets. The secondary interface, the Address/Address Multiplexed (or A/A Mux) Interface, is designed to be compatible with current Flash Programmers for production line programming prior to fitting to a PC Motherboard. The memory is offered in a PLCC32 or TSOP40 (10mm x 20mm) package and is supplied with all the bits erased (set to 1). System Memory Mapping The LPC address sequence is 32 bits long. The M50LPW041 responds to addresses mapped to the top of the 4 GByte memory space, from FFFF FFFFh. Address bits A31-A24 must be set to 1. A23 is set to 1 for array access, and to 0 for register access. The M50LPW041 also responds to addresses mapped to the bottom of the 4 GByte memory space, from 0000 0000h. Address bits A31-A24 must be set to 0. A23 is set to 0 for array access, and to 1 for register access. For A22-A19, see Table 2. A18-A0 are for array addresses. |