データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M50FW080K5TG データシート(PDF) 8 Page - STMicroelectronics

部品番号 M50FW080K5TG
部品情報  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080K5TG データシート(HTML) 8 Page - STMicroelectronics

Back Button M50FW080K5TG Datasheet HTML 4Page - STMicroelectronics M50FW080K5TG Datasheet HTML 5Page - STMicroelectronics M50FW080K5TG Datasheet HTML 6Page - STMicroelectronics M50FW080K5TG Datasheet HTML 7Page - STMicroelectronics M50FW080K5TG Datasheet HTML 8Page - STMicroelectronics M50FW080K5TG Datasheet HTML 9Page - STMicroelectronics M50FW080K5TG Datasheet HTML 10Page - STMicroelectronics M50FW080K5TG Datasheet HTML 11Page - STMicroelectronics M50FW080K5TG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Summary description
M50FW080
8/55
Figure 1.
Logic diagram (FWH interface)
Table 1.
Signal names (FWH Interface)
FWH0-FWH3
Input/Output Communications
FWH4
Input Communication Frame
ID0-ID3
Identification Inputs
FGPI0-FGPI4
General Purpose Inputs
IC
Interface Configuration
RP
Interface Reset
INIT
CPU Reset
CLK
Clock
TBL
Top Block Lock
WP
Write Protect
RFU
Reserved for Future Use. Leave disconnected
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast Erase Operations
VSS
Ground
NC
Not Connected Internally
AI03979
4
FWH4
FWH0-
FWH3
VCC
M50FW080
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
FGPI0-
FGPI4
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56