データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M5481B7 データシート(PDF) 6 Page - STMicroelectronics

部品番号 M5481B7
部品情報  LED DISPLAY DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5481B7 データシート(HTML) 6 Page - STMicroelectronics

  M5481B7 Datasheet HTML 1Page - STMicroelectronics M5481B7 Datasheet HTML 2Page - STMicroelectronics M5481B7 Datasheet HTML 3Page - STMicroelectronics M5481B7 Datasheet HTML 4Page - STMicroelectronics M5481B7 Datasheet HTML 5Page - STMicroelectronics M5481B7 Datasheet HTML 6Page - STMicroelectronics M5481B7 Datasheet HTML 7Page - STMicroelectronics M5481B7 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M5481
6/8
In this configuration the drop on the serial connect-
ed diodes is quite stable if the diodes are properly
chosen.
The total power dissipation of the IC depends only,
in first approximation, on the number of segments
activated.
In this configuration VOUT+VD is constant. the total
power dissipation of the IC depends only on the
number of segments activated.
+V C
+VC
VOUT +VD



Html Pages

1 2 3 4 5 6 7 8