データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M50FW080NB5TG データシート(PDF) 9 Page - STMicroelectronics

部品番号 M50FW080NB5TG
部品情報  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080NB5TG データシート(HTML) 9 Page - STMicroelectronics

Back Button M50FW080NB5TG Datasheet HTML 5Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 6Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 7Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 8Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 9Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 10Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 11Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 12Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
M50FW080
Summary description
9/55
Figure 2.
Logic diagram (A/A Mux interface)
Table 2.
Signal names (A/A Mux Interface)
IC
Interface Configuration
A0-A10
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
G
Output Enable
W
Write Enable
RC
Row/Column Address Select
RB
Ready/Busy Output
RP
Interface Reset
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast Program and Fast Erase
Operations
VSS
Ground
NC
Not Connected Internally
AI03981
11
RC
DQ0-DQ7
VCC
M50FW080
IC
VSS
8
G
W
RB
RP
A0-A10
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56