データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54HC14F1R データシート(PDF) 2 Page - STMicroelectronics

部品番号 M54HC14F1R
部品情報  HEX SCHMITT INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC14F1R データシート(HTML) 2 Page - STMicroelectronics

  M54HC14F1R Datasheet HTML 1Page - STMicroelectronics M54HC14F1R Datasheet HTML 2Page - STMicroelectronics M54HC14F1R Datasheet HTML 3Page - STMicroelectronics M54HC14F1R Datasheet HTML 4Page - STMicroelectronics M54HC14F1R Datasheet HTML 5Page - STMicroelectronics M54HC14F1R Datasheet HTML 6Page - STMicroelectronics M54HC14F1R Datasheet HTML 7Page - STMicroelectronics M54HC14F1R Datasheet HTML 8Page - STMicroelectronics M54HC14F1R Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TRUTH TABLE
AY
LH
HL
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9,
11, 13
1A to 6A
Data Inputs
2, 4, 6, 8,
10,12
1Y to 6Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
LOGIC DIAGRAM/WAVEFORM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
M54/M74HC14
2/9



Html Pages

1 2 3 4 5 6 7 8 9