| データシートサーチシステム |
|
AM261...ZCZ データシート(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ データシート(HTML) 39 Page - Texas Instruments |
|
39 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] E2 C1 B2 A2 GPIO49 GPIO49_CFG_REG 0x5310 00C4 0x0000 05F7 EPWM3_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO15 2 IO GPMC0_A13 6 O GPIO49 7 IO EPWM3_A 10 O E3 C2 C4 B2 GPIO50 GPIO50_CFG_REG 0x5310 00C8 0x0000 05F7 EPWM3_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO11 2 IO GPMC0_A9 6 O GPIO50 7 IO EPWM6_A 10 O D1 D2 B1 B1 GPIO51 GPIO51_CFG_REG 0x5310 00CC 0x0000 05F7 EPWM4_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO12 2 IO GPMC0_A10 6 O GPIO51 7 IO EPWM4_A 10 O E4 D1 C1 B3 GPIO52 GPIO52_CFG_REG 0x5310 00D0 0x0000 05F7 EPWM4_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO13 2 IO GPMC0_A11 6 O GPIO52 7 IO EPWM1_B 10 O F2 E2 C2 C2 GPIO53 GPIO53_CFG_REG 0x5310 00D4 0x0000 05F7 EPWM5_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO14 2 IO GPMC0_A12 6 O GPIO53 7 IO EPWM5_A 10 O G2 E1 D3 C1 GPIO54 GPIO54_CFG_REG 0x5310 00D8 0x0000 05F7 EPWM5_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO5 2 IO OSPI0_RESET_OUT0 3 O GPMC0_AD5 6 IO GPIO54 7 IO EPWM8_B 10 O E1 F2 E3 E3 GPIO55 GPIO55_CFG_REG 0x5310 00DC 0x0000 05F7 EPWM6_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO8 1 IO CLKOUT0 2 O GPMC0_AD8 6 IO GPIO55 7 IO EPWM3_B 10 O www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 39 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |