データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM261...ZFG データシート(PDF) 41 Page - Texas Instruments

部品番号 AM261...ZFG
部品情報  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG データシート(HTML) 41 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 37Page - Texas Instruments AM261...ZFG Datasheet HTML 38Page - Texas Instruments AM261...ZFG Datasheet HTML 39Page - Texas Instruments AM261...ZFG Datasheet HTML 40Page - Texas Instruments AM261...ZFG Datasheet HTML 41Page - Texas Instruments AM261...ZFG Datasheet HTML 42Page - Texas Instruments AM261...ZFG Datasheet HTML 43Page - Texas Instruments AM261...ZFG Datasheet HTML 44Page - Texas Instruments AM261...ZFG Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
H2
H1
E1
F1
GPIO60
GPIO60_CFG_REG
0x5310 00F0
0x0000 05F7
EPWM8_B
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO15
1
IO
OSPI1_CLK
2
O
MCAN0_TX
3
O
OSPI0_CLK
5
O
GPMC0_AD15
6
IO
GPIO60
7
IO
UART4_RXD
8
I
EPWM9_B
10
O
G1
K4
F2
F2
GPIO61
GPIO61_CFG_REG
0x5310 00F4
0x0000 05F7
EPWM9_A
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
LIN1_TXD
1
IO
OSPI0_RESET_OUT0
2
O
SPI2_CLK
3
IO
UART1_TXD
4
O
OSPI1_RESET_OUT0
5
O
GPIO61
7
IO
EPWM9_A
10
O
J2
L2
F3
G1
GPIO62
GPIO62_CFG_REG
0x5310 00F8
0x0000 05F7
EPWM9_B
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
LIN1_RXD
1
IO
OSPI0_CSn0
2
O
UART1_RTSn
3
O
OSPI1_CSn0
5
O
GPIO62
7
IO
G4
J2
GPIO63
GPIO63_CFG_REG
0x5310 00FC
0x0000 05F7
LIN0_RXD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
UART1_CTSn
1
I
I2C0_SDA
3
IO
UART2_TXD
4
O
GPIO63
7
IO
EPWM7_B
10
O
J3
J1
GPIO64
GPIO64_CFG_REG
0x5310 0100
0x0000 05F7
LIN0_TXD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
UART2_RTSn
1
O
OSPI0_RESET_OUT0
2
O
I2C0_SCL
3
IO
UART4_TXD
4
O
GPIO64
7
IO
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More