| データシートサーチシステム |
|
AM261...ZEJ データシート(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ データシート(HTML) 90 Page - Texas Instruments |
|
90 / 218 page ![]() over recommended operating conditions (unless otherwise noted) PARAMETER MIN TYP MAX UNIT IL Input Leakage Current, Receiver Disabled, Pull Disabled –18 18 µA Input Leakage Current, Receiver Disabled, Pullup Enabled –243 –100 –19 µA Input Leakage Current, Receiver Disabled, Pulldown Enabled 51 100 210 µA (1) VDDS33 is the voltage on the corresponding power-supply pin on the IC. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 90 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |