データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM261...ZCZQ1 データシート(PDF) 44 Page - Texas Instruments

部品番号 AM261...ZCZQ1
部品情報  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 データシート(HTML) 44 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 40Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 41Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 42Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 43Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 44Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 45Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 46Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 47Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
A4
A6
GPIO78
GPIO78_CFG_REG
0x5310 0138
0x0000 05F7
MMC0_CMD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART0_TXD
1
O
LIN0_TXD
2
IO
MCAN0_TX
3
O
PR1_MDIO0_MDC
4
O
GPIO78
7
IO
SDFM1_D0
8
I
B5
B6
GPIO79
GPIO79_CFG_REG
0x5310 013C
0x0000 05F7
MMC0_D0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART2_RXD
1
I
I2C1_SCL
2
IO
MCAN1_RX
3
I
PR1_PRU0_GPIO10
4
IO
GPIO79
7
IO
SDFM1_CLK1
8
I
B4
A5
GPIO80
GPIO80_CFG_REG
0x5310 0140
0x0000 05F7
MMC0_D1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MCAN1_TX
3
O
PR1_PRU0_GPIO9
4
IO
GPIO80
7
IO
SDFM1_D1
8
I
A3
B5
GPIO81
GPIO81_CFG_REG
0x5310 0144
0x0000 05F7
MMC0_D2
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART2_TXD
1
O
I2C1_SDA
2
IO
PR1_PRU0_GPIO0
4
IO
GPIO81
7
IO
SDFM1_CLK2
8
I
A2
A4
GPIO82
GPIO82_CFG_REG
0x5310 0148
0x0000 05F7
MMC0_D3
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
PR1_PRU0_GPIO1
4
IO
GPIO82
7
IO
SDFM1_D2
8
I
C6
B4
GPIO83
GPIO83_CFG_REG
0x5310 014C
0x0000 05F7
MMC0_WP
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART0_RTSn
1
O
I2C2_SCL
2
IO
PR1_PRU0_GPIO2
4
IO
GPIO83
7
IO
SDFM1_CLK3
8
I
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More