データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRA752ABC データシート(PDF) 97 Page - Texas Instruments

部品番号 DRA752ABC
部品情報  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC データシート(HTML) 97 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 93Page - Texas Instruments DRA752ABC Datasheet HTML 94Page - Texas Instruments DRA752ABC Datasheet HTML 95Page - Texas Instruments DRA752ABC Datasheet HTML 96Page - Texas Instruments DRA752ABC Datasheet HTML 97Page - Texas Instruments DRA752ABC Datasheet HTML 98Page - Texas Instruments DRA752ABC Datasheet HTML 99Page - Texas Instruments DRA752ABC Datasheet HTML 100Page - Texas Instruments DRA752ABC Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
97
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x181C
CTRL_CORE_PAD_
WAKEUP1
AC17
Wakeup1
dcan2_rx
gpio1_1
Driver off
0x1820
CTRL_CORE_PAD_
WAKEUP2
AB16
Wakeup2
sys_nirq2
gpio1_2
Driver off
0x1824
CTRL_CORE_PAD_
WAKEUP3
AC16
Wakeup3
sys_nirq1
gpio1_3
Driver off
0x1828
CTRL_CORE_PAD_
ON_OFF
Y11
on_off
0x182C
CTRL_CORE_PAD_R
TC_PORZ
AB17
rtc_porz
0x1830
CTRL_CORE_PAD_T
MS
F18
tms
0x1834
CTRL_CORE_PAD_T
DI
D23
tdi
gpio8_27
0x1838
CTRL_CORE_PAD_T
DO
F19
tdo
gpio8_28
0x183C
CTRL_CORE_PAD_T
CLK
E20
tclk
0x1840
CTRL_CORE_PAD_T
RSTN
D20
trstn
0x1844
CTRL_CORE_PAD_R
TCK
E18
rtck
gpio8_29
0x1848
CTRL_CORE_PAD_E
MU0
G21
emu0
gpio8_30
0x184C
CTRL_CORE_PAD_E
MU1
D24
emu1
gpio8_31
0x185C
CTRL_CORE_PAD_R
ESETN
E23
resetn
0x1860
CTRL_CORE_PAD_N
MIN_DSP
D21
nmin_dsp
0x1864
CTRL_CORE_PAD_R
STOUTN
F23
rstoutn
1. NA in table stands for Not Applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More