データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRA751ABC データシート(PDF) 16 Page - Texas Instruments

部品番号 DRA751ABC
部品情報  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC データシート(HTML) 16 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 12Page - Texas Instruments DRA751ABC Datasheet HTML 13Page - Texas Instruments DRA751ABC Datasheet HTML 14Page - Texas Instruments DRA751ABC Datasheet HTML 15Page - Texas Instruments DRA751ABC Datasheet HTML 16Page - Texas Instruments DRA751ABC Datasheet HTML 17Page - Texas Instruments DRA751ABC Datasheet HTML 18Page - Texas Instruments DRA751ABC Datasheet HTML 19Page - Texas Instruments DRA751ABC Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
16
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
AC25
ddr1_d13
ddr1_d13
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AC24
ddr1_d14
ddr1_d14
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AD25
ddr1_d15
ddr1_d15
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
V20
ddr1_d16
ddr1_d16
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
W20
ddr1_d17
ddr1_d17
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AB28
ddr1_d18
ddr1_d18
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AC28
ddr1_d19
ddr1_d19
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AG26
ddr1_d2
ddr1_d2
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AC27
ddr1_d20
ddr1_d20
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
Y19
ddr1_d21
ddr1_d21
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AB27
ddr1_d22
ddr1_d22
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
Y20
ddr1_d23
ddr1_d23
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AA23
ddr1_d24
ddr1_d24
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
Y22
ddr1_d25
ddr1_d25
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
Y23
ddr1_d26
ddr1_d26
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AA24
ddr1_d27
ddr1_d27
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
Y24
ddr1_d28
ddr1_d28
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AA26
ddr1_d29
ddr1_d29
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AH26
ddr1_d3
ddr1_d3
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AA25
ddr1_d30
ddr1_d30
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AA28
ddr1_d31
ddr1_d31
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AF24
ddr1_d4
ddr1_d4
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AE24
ddr1_d5
ddr1_d5
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More