| データシートサーチシステム |
|
RH850/F1KM データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RH850/F1KM データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 422 page ![]() RH850/F1KH, RH850/F1KM Section 1A Overview of RH850/F1KH-D8 R01DS0442EJ0100 Rev.1.00 Page 2 of 422 Sep 15, 2023 (6) Security support This microcontroller supports various security features. The Intelligent Cryptographic Unit -Master (ICUMD) has a dedicated secure CPU (RH850 G3K) and some secure peripherals such as AES engines Random Number Generator (RNG). This microcontroller also realizes the HW-level domain separation between non-secure and secure domains. The internal resources such as Code and Data Flash can be assigned to either a non-secure or secure domain, and the secure domain is protected against non-secure accesses by the HW mechanism. This microcontroller also has the protection scheme for debug and test functionality. |