データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DL0828UC/SC-MPY データシート(PDF) 2 Page - CBC Group. CBC AMERICA LLC.

部品番号 DL0828UC/SC-MPY
部品情報  Motorized FA lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMPUTAR [CBC Group. CBC AMERICA LLC.]
ホームページ  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

DL0828UC/SC-MPY データシート(HTML) 2 Page - CBC Group. CBC AMERICA LLC.

  DL0828UC/SC-MPY Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC. DL0828UC/SC-MPY Datasheet HTML 2Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EL3Z0416UCS/SC-MPWIR
Focal Length
4.0mm ‐ 10mm
F-Number
F1.6 - F16C
Working Distance
0.2m- Inf
Angle of View (1/1.8")
)
°
1
.
8
3
1
l
a
n
o
g
a
i
D
(
°
7
.
1
6
x
°
9
.
5
1
1
e
d
i
W
Tele46.0°x 25.8°( Diagonal 52.9°)
Mount
CS
Sensor Size
1/1.8"
Resolution
5MP
Filter Size
*M55 x P0.75mm (With VM0418)
Dimensions
φ 66mm x 59mm
Weight
161g
(*) When using filters, please use VM0418 (sold separately).
ML2Z0525UC/SC-MPWIR
Focal Length
5.5mm ‒ 12.7mm
F-Number
F2.5 ‒ F16C
Working Distance
0.1m‒ Inf
Angle of View(2/3")
)°
2
.
5
0
1
l
a
n
o
g
a
i
D
(
°
6
.
5
6
x
°
0
.
6
8
e
d
i
W
Tele 40.1°x 30.3°(Diagonal 49.6°)
Mount
C
Sensor Size
2/3
Resolution
9MP
Filter Size
M55 x P0.75mm
Dimensions
φ 59.5mm x 66.9mm
Weight
172g
EL6Z0915UCS/SCS-MPWIR
Focal Length
9mm ‐ 50mm
F-Number
F1.5 - F16C
Working Distance
3m - Inf
Angle of View(1/1.8")
Wide 46.1°x 26.3°( Diagonal 52.5°)
Tele 9.0°x 5.2°( Diagonal 10.2°)
Mount
CS
Sensor Size
1/1.8"
Resolution
5MP
Filter Size
*M67xP0.75mm (With VM0918)
Dimensions
78.2mm x 83.8mm x 104.8mm
Weight
299g
(*) When using filters, please use VM0918 (sold separately).
DL0828UC/SC-MPY
Focal Length
8mm
F-Number
F2.8 - F16.0
Working Distance
0.1m - Inf
Angle of View (1/1.1")
69.4°x 53.8°( Diagonal 80.4°)
Mount
C
Sensor Size
1/1.1"
Resolution
12MP
Filter Size
M52 x P0.75mm
Dimensions
φ 59.5mm x 63.3mm
Weight
178g
VL0826U/S-MPZ
Focal Length
8mm
F-Number
F2.6 - F16.0
Working Distance
0.1m - Inf
Angle of View( 1”)
76.9°x 61.5°( Diagonal88.8°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
*M82 x P0.75mm (With ZM0810)
Dimensions
φ 78mm x 52.93mm
Weight
334g
(*) When using filters, please use ZM0810 (sold separately).
VL2520U/S-MPZ
Focal Length
25mm
F-Number
F2.0 - F16.0
Working Distance
0.15m - Inf
Angle of View (1”)
28.8°x 21.8°( Diagonal 35.5°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
M46 x P0.75mm
Dimensions
φ 78mm x 47mm
Weight
257g
VL5024U/S-MPZ
Focal Length
50mm
F-Number
F2.4 - F16.0
Working Distance
0.2m - Inf
Angle of View (1”)
14.6°x 11.0°( Diagonal 18.2°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
M43 x P0.75mm
Dimensions
φ 75mm x 66.5mm
Weight
326g
VL1226U/S-MPZ
Focal Length
12mm
F-Number
F2.6 - F16.0
Working Distance
0.1m - Inf
Angle of View(1”)
56.7°x 44.1°( Diagonal 67.4°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
M46 x P0.75mm
Dimensions
φ 75mm x 48.5mm
Weight
273g
VL3522U/S-MPZ
Focal Length
35mm
F-Number
F2.2 - F16.0
Working Distance
0.2m - Inf
Angle of View (1”)
20.8°x 15.7°( Diagonal 25.8°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
M43 x P0.75mm
Dimensions
φ 75mm x 66.1mm
Weight
313g
VL7531U/S-MPZ
Focal Length
75mm
F-Number
F3.1 - F16
Working Distance
0.25m - Inf
Angle of View(1”)
9.8°x 7.3°( Diagonal 12.2°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
M43 x P0.75mm
Dimensions
φ 75mm x 87mm
Weight
415g
VL1624U/S-MPZ
Focal Length
16mm
F-Number
F2.4 - F16.0
Working Distance
0.1m - Inf
Angle of View (1”)
43.8°x 33.6°( Diagonal 53.2°)
Mount
C
Sensor Size
1"
Resolution
20MP
Filter Size
M43 x P0.75mm
Dimensions
φ 75mm x 52mm
Weight
280g
DL2523UC/SC-MPY
Focal Length
25mm
F-Number
F2.3 - F16.0
Working Distance
0.12m - Inf
Angle of View(1/1.1")
25.3°x 18.7°( Diagonal 31.0°)
Mount
C
Sensor Size
1/1.1"
Resolution
12MP
Filter Size
M30.5 x P0.5mm
Dimensions
φ 59.5mm x 56.9mm
Weight
166g
VL6Z1626UC/SC-MPYIR
Focal Length
16mm ‒ 96mm
F-Number
F2.6 - F16C
Working Distance
3m - Inf
Angle of View(1.1")
Wide 48.1°x 35.6°( Diagonal 58.9°)
Tele 8.5°x 6.3°( Diagonal 10.4°)
Mount
C
Sensor Size
1.1"
Resolution
12MP
Filter Size
M67 x P0.75mm
Dimensions
78.2mm x 83.8mm x 108.96mm
Weight
330g
ML3Z1226UC/SC-MPW
Focal Length
12mm ‐ 36mm
F-Number
F2.6 - F16C
Working Distance
0.1m - Inf(Wide)、 0.35m - Inf (Tele)
Angle of View(2/3")
Wide 41.1°x 31.2°( Diagonal 50.4°)
Tele 13.7°x 10.4°( Diagonal 16.9°)
Mount
C
Sensor Size
2/3
Resolution
9MP
Filter Size
M49 x P0.75mm
Dimensions
φ 59.5mm x 79.8mm
Weight
247g
VL2Z2533UM6C/SM6C-MPWIR
Focal Length
25mm ‒ 50mm
F-Number
F3.3-F16C
Working Distance
1m - Inf(Wide)、 3m - Inf(Tele)
Angle of View(1")
Wide 28.8°x14.7( Diagonal 35.9°)
Tele 1.6°x11.1°( Diagonal 18.3°)
Mount
C
Sensor Size
1"
Resolution
9MP
Filter Size
M52 x P0.75mm
Dimensions
φ 59.5mm x 88.1 mm
Weight
269g
DL1224UC/SC-MPY
Focal Length
12mm
F-Number
F2.4 - F16.0
Working Distance
0.1m - Inf
Angle of View (1/1.1")
50.5°x 38.1°( Diagonal 60.2°)
Mount
C
Sensor Size
1/1.1"
Resolution
12MP
Filter Size
M35.5 x P0.5mm
Dimensions
φ 59.5mm x 57.9mm
Weight
163g
DL3525UC/SC-MPY
Focal Length
35mm
F-Number
F2.5 - F16.0
Working Distance
0.16m - Inf
Angle of View (1/1.1")
18.2°x 13.4°( Diagonal 22.5°)
Mount
C
Sensor Size
1/1.1"
Resolution
12MP
Filter Size
M30.5 x P0.5mm
Dimensions
φ 59.5mm x 57.9mm
Weight
160g
DL1623UC/SC-MPY
Focal Length
16mm
F-Number
F2.3 - F16.0
Working Distance
0.11m - Inf
Angle of View (1/1.1")
38.9°x 29.0°( Diagonal 47.0°)
Mount
C
Sensor Size
1/1.1"
Resolution
12MP
Filter Size
M35.5 x P0.5mm
Dimensions
φ 59.5mm x 59.2mm
Weight
173g
DL5028UC/SC-MPY
Focal Length
50mm
F-Number
F2.8 - F16.0
Working Distance
0.2m - Inf
Angle of View (1/1.1")
13.2°x 9.7°( Diagonal 16.3°)
Mount
C
Sensor Size
1/1.1"
Resolution
12MP
Filter Size
M30.5 x P0.5mm
Dimensions
φ 59.5mm x 58mm
Weight
173g
LensConnect Series | LINE UP
DL-MPY series
Varifocal Series
VL-MPZ series
DL-MPY series
Varifocal series
 
➡
VL-MPZ series
 
➡
 
➡
©2026 CBC AMERICA LLC All Rights Reserved, This specification is subject to change without notice. 05/26
computar.com



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com