データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95M01-R データシート(PDF) 38 Page - STMicroelectronics

部品番号 M95M01-R
部品情報  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-R データシート(HTML) 38 Page - STMicroelectronics

Back Button M95M01-R_08 Datasheet HTML 32Page - STMicroelectronics M95M01-R_08 Datasheet HTML 33Page - STMicroelectronics M95M01-R_08 Datasheet HTML 34Page - STMicroelectronics M95M01-R_08 Datasheet HTML 35Page - STMicroelectronics M95M01-R_08 Datasheet HTML 36Page - STMicroelectronics M95M01-R_08 Datasheet HTML 37Page - STMicroelectronics M95M01-R_08 Datasheet HTML 38Page - STMicroelectronics M95M01-R_08 Datasheet HTML 39Page - STMicroelectronics M95M01-R_08 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Part numbering
M95M01-R
38/40
Table 17.
Available M95M01-R products (package, voltage range, temperature
grade)
Package
M95M01-R
(1.8 V to 5.5 V)
SO8 (MN)
Range 6
SO8wide (MW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40