| データシートサーチシステム |
|
M95M01-RMW6TG データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M01-RMW6TG データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 40 page ![]() M95M01-R Signal description 9/40 2.6 Write Protect (W) The main purpose of this input signal is to freeze the size of the area of memory that is protected against Write instructions (as specified by the values in the BP1 and BP0 bits of the Status Register). This pin must be driven either High or Low, and must be stable during all write instructions. 2.7 VCC supply voltage VCC is the supply voltage. 2.8 VSS ground VSS is the reference for the VCC supply voltage. |