データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P05-AVMP6P データシート(PDF) 20 Page - Numonyx B.V

部品番号 M25P05-AVMP6P
部品情報  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUMONYX [Numonyx B.V]
ホームページ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6P データシート(HTML) 20 Page - Numonyx B.V

Back Button M25P05-AVMP6P Datasheet HTML 16Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 17Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 18Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 19Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 20Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 21Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 22Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 23Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Instructions
M25P05-A
20/52
6.2
Write disable (WRDI)
The write disable (WRDI) instruction (Figure 8) resets the write enable latch (WEL) bit.
The write disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The write enable latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write disable (WRDI) instruction completion
●
Write status register (WRSR) instruction completion
●
Page program (PP) instruction completion
●
Sector erase (SE) instruction completion
●
Bulk erase (BE) instruction completion.
Figure 8.
Write disable (WRDI) instruction sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52