データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6711 データシート(PDF) 21 Page - STMicroelectronics

部品番号 L6711
部品情報  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 データシート(HTML) 21 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
L6711
Current reading and current sharing control loop
21/50
current information of each phase, information about the total current delivered (IDROOP =
IINFO1 +IINFO2 + IINFO3) and the average current for each phase (IAVG = (IINFO1 + IINFO2 +
IINFO3)/3) is taken. IINFOX is then compared to IAVG to give the correction to the PWM output
in order to equalize the current carried by the three phases.
Since Rg is designed considering the OC protection, to allow further flexibility in the system
design, the resistor in series to CSx+ can be split in two resistors as shown in Figure 7.
Figure 7.
Inductor current sense
Design Equations:
R
gRC
()
L
R
L
C
g
⋅
------------------
=
R
gRC
()
R
ga
()
+
Rg
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50