データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA328 データシート(PDF) 52 Page - STMicroelectronics

部品番号 STA328
部品情報  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 データシート(HTML) 52 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 48Page - STMicroelectronics STA328_08 Datasheet HTML 49Page - STMicroelectronics STA328_08 Datasheet HTML 50Page - STMicroelectronics STA328_08 Datasheet HTML 51Page - STMicroelectronics STA328_08 Datasheet HTML 52Page - STMicroelectronics STA328_08 Datasheet HTML 53Page - STMicroelectronics STA328_08 Datasheet HTML 54Page - STMicroelectronics STA328_08 Datasheet HTML 55Page - STMicroelectronics STA328_08 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
User programmable processing
STA328
52/57
40
0x28
High-pass 2nd order filter
for XO = 000
C12H0 (b1/2)
0x000000
41
0x29
C12H1 (b2)
0x000000
42
0x2A
C12H2 (a1/2)
0x000000
43
0x2B
C12H3 (a2)
0x000000
44
0x2C
C12H4 (b0/2)
0x400000
45
0x2D
Low-pass 2nd order filter
for XO = 000
C12L0 (b1/2)
0x000000
46
0x2E
C12L1 (b2)
0x000000
47
0x2F
C12L2 (a1/2)
0x000000
48
0x30
C12L3 (a2)
0x000000
49
0x31
C12L4 (b0/2)
0x400000
50
0x32
Channel 1 - Pre-scale
C1PreS
0x7FFFFF
51
0x33
Channel 2 - Pre-scale
C2PreS
0x7FFFFF
52
0x34
Channel 1 - Post-scale
C1PstS
0x7FFFFF
53
0x35
Channel 2 - Post-scale
C2PstS
0x7FFFFF
54
0x36
Channel 3 - Post-scale
C3PstS
0x7FFFFF
55
0x37
Thermal warning - Post scale
TWPstS
0x5A9DF7
56
0x38
Channel 1 - Mix 1
C1MX1
0x7FFFFF
57
0x39
Channel 1 - Mix 2
C1MX2
0x000000
58
0x3A
Channel 2 - Mix 1
C2MX1
0x000000
59
0x3B
Channel 2 - Mix 2
C2MX2
0x7FFFFF
60
0x3C
Channel 3 - Mix 1
C3MX1
0x400000
61
0x3D
Channel 3 - Mix 2
C3MX2
0x400000
62
0x3E
Unused
63
0x3F
Unused
Table 64.
RAM block for biquads, mixing, and scaling (continued)
Index (decimal)
Index (Hex)
Coefficient
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57