データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA121 データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 BA121
部品情報  ADAPTOR F M /TNC M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA121 データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  BA121 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNDIMENSIONED FEATURES
02/06/01
UNLESS OTHERWISE SPECIFIED,
A
B
43321
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
C.McCORMICK
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
D.PARHAM
C
1
DIMENSIONS ARE IN INCHES [mm]
BA121.SLDDRW
1
02/09/01
REVISIONS
DESCRIPTION
APPROVED
REV
B
A
DATE
R.CARRICK
RELEASED FOR PRODUCTION
MAY OCCUR
ADAPTOR F M /TNC M
BA121
8
12/18/07
ECN 3119: UPDATE DWG FORMAT
MCCORMICK
D.GRIFFIN
C
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
02/09/01
02/07/01
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
ECN 6708: CHANGED TNC THREAD TO 7/16-28 UNEF. UPDATED FORM/PKG.
2/27/13
COAXIAL
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
TNC MALE
CONNECTOR
TYPE "F" MALE
CONNECTOR
.04
1.1
.59
15.1
1.35
34.2
.57
14.5
(7/16-28UNEF)
C
(3/8-32UNEF)
RoHS Compliant 
:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY
NOTES:
MATERIAL:
BODY: BRASS
INSULATOR: WHITE ACETAL
BODY FINISH: NICKEL PLATED
MISCELLANEOUS
C


同様の部品番号 - BA121

メーカー部品番号データシート部品情報
logo
FLEXTRAL
BA12 FLEXTRAL-BA12 Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
BA12-025YW FLEXTRAL-BA12-025YW Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
BA12-038YW FLEXTRAL-BA12-038YW Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
BA12-075YW FLEXTRAL-BA12-075YW Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
logo
Infinite Electronics In...
BA120 L-COM-BA120 Datasheet
108Kb / 1P
F PLUG TO BNC JACK
01/04/02
More results

同様の説明 - BA121

メーカー部品番号データシート部品情報
logo
Pomona Electronics
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Winchester Electronics ...
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
N (F) TO SMA (M) ADAPTOR
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD1209-43-9 WINCHESTER-SD1209-43-9 Datasheet
55Kb / 1P
ADAPTER, F-M, ANGLE, N-TNC
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-15 WINCHESTER-KA-91-15 Datasheet
48Kb / 1P
ADAPTER, ANGLE TNC M-F
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com