データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA124 データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 BA124
部品情報  ADAPTOR F M PUSH ON/F F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA124 データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  BA124 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.97 24.64
.45 11.43
.375-32 THREAD
"F" TYPE PLUG
"F" TYPE JACK
NOTES:
IMPEDANCE:
75 OHMS
MATERIAL:
BODY: BRASS
PIN: BRASS
INSULATOR: POLYPROPYLENE
FINISH:
BODY: NICKEL PLATE
PIN: NICKEL PLATE
MISCELLANEOUS:
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
F
F
F
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA124
F
BA124.SLDDRW
1
1
D.PARHAM
01/21/2002
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
01/21/2002
12/18/07
E
F
ECN 3119: UPDATE DWG FORMAT
ECN 6103: UPDATE DWG FORMAT, ADD PACKAGING, ADD IMPEDANCE
4/19/12
D.GRIFFIN
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR F M PUSH ON/F F
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
01/21/2002
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


同様の部品番号 - BA124

メーカー部品番号データシート部品情報
logo
FLEXTRAL
BA12 FLEXTRAL-BA12 Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
BA12-025YW FLEXTRAL-BA12-025YW Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
BA12-038YW FLEXTRAL-BA12-038YW Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
BA12-075YW FLEXTRAL-BA12-075YW Datasheet
375Kb / 1P
PVC Breathing Air
V04.21
logo
Infinite Electronics In...
BA120 L-COM-BA120 Datasheet
108Kb / 1P
F PLUG TO BNC JACK
01/04/02
More results

同様の説明 - BA124

メーカー部品番号データシート部品情報
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
N (F) TO SMA (M) ADAPTOR
logo
Pasternack Enterprises,...
PE9160 PASTERNACK-PE9160 Datasheet
237Kb / 2P
Push-On 75 Ohm F Male to F Female Adapter
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com