| データシートサーチシステム |
|
SS23S データシート(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SS23S データシート(HTML) 2 Page - Vishay Siliconix |
|
2 / 4 page ![]() New Product SS22S, SS23S & SS24S Vishay General Semiconductor www.vishay.com For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 89008 Revision: 14-Jan-08 2 Note: (1) Pulse test: 300 µs pulse width, 1 % duty cycle Note: (1) P.C.B. mounted with 0.4 x 0.4" (10 x 10 mm) copper pad areas RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL TYP MAX. UNIT Instantaneous forward voltage (1) IF = 1 A, IF = 2 A, TJ = 25 °C VF 0.436 0.517 - 0.55 V Reverse current (1) rated VR TJ = 25 °C TJ = 100 °C IR 13 1.65 200 8 µA mA Typical junction capacitance 4.0 V, 1 MHz CJ 130 - pF THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SS22S SS23S SS24S UNIT Typical thermal resistance (1) RθJA RθJL 75 25 °C/W ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SS24S-E3/61T 0.064 61T 1800 7" diameter plastic tape and reel SS24S-E3/5AT 0.064 5AT 7500 13" diameter plastic tape and reel Figure 1. Forward Current Derating Curve 2.4 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 P.C.B. Mounted on 0.4 x 0.4" (10 x 10 mm) Copper Pad Areas Resistive or Inductive Load Lead Temperature (°C) Figure 2. Forward Power Loss Characteristics D = 0.1 D = 0.2 D = 0.3 D = 0.5 D = 0.8 D = 1.0 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.5 1.0 1.5 2.0 2.5 Average Forward Current (A) D = t p/T t p T |