| データシートサーチシステム |
|
MPC8313E データシート(PDF) 64 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313E データシート(HTML) 64 Page - Freescale Semiconductor, Inc |
|
64 / 92 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1 64 Freescale Semiconductor Package and Pin Listings TSEC2_GTX_CLK/GTM1_TOUT4/GTM2_TOUT3/GPIO[17] AC1 IO LVDDA — TSEC2_RX_CLK/GTM1_TIN2/GTM2_TIN1/GPIO[18] AC2 IO LVDDA — TSCE2_RX_DV/GTM1_TGATE2/GTM2_TGATE1/GPIO[19] AA3 IO LVDDA — TSEC2_RXD[3]/GPIO[20] Y5 IO LVDDA — TSEC2_RXD[2]/GPIO[21] AA4 IO LVDDA — TSEC2_RXD[1]/GPIO[22] AB2 IO LVDDA — TSEC2_RXD[0]/GPIO[23] AA5 IO LVDDA — TSEC2_RX_ER/GTM1_TOUT2/GTM2_TOUT1/GPIO[24] AA2 IO LVDDA — TSEC2_TX_CLK/GPIO[25] AB1 IO LVDDA — TSEC2_TXD[3]/CFG_RESET_SOURCE[0] W3 IO LVDDA — TSEC2_TXD[2]/CFG_RESET_SOURCE[1] Y1 IO LVDDA — TSEC2_TXD[1]/CFG_RESET_SOURCE[2] W5 IO LVDDA — TSEC2_TXD[0]/CFG_RESET_SOURCE[3] Y3 IO LVDDA — TSEC2_TX_EN/GPIO[26] AA1 IO LVDDA — TSEC2_TX_ER/GPIO[27] W1 IO LVDDA — SGMII PHY — TXA U3 O — TXA V3 O — RXA U1 I — RXA V1 I — TXB P4 O — TXB N4 O — RXB R1 I — RXB P1 I — SD_IMP_CAL_RX V5 I 200 Ω to GND — SD_REF_CLK T5 I — SD_REF_CLK T4 I — SD_PLL_TPD T2 O — SD_IMP_CAL_TX N5 I 100 Ω to GND — SDAVDD R5 IO — SD_PLL_TPA_ANA R4 O — SDAVSS R3 IO — Table 60. MPC8313E TEPBGAII Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |