データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSCT-75 データシート(PDF) 24 Page - ABB

部品番号 PSCT-75
部品情報  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

PSCT-75 データシート(HTML) 24 Page - ABB

Back Button PSCT-75 Datasheet HTML 20Page - ABB PSCT-75 Datasheet HTML 21Page - ABB PSCT-75 Datasheet HTML 22Page - ABB PSCT-75 Datasheet HTML 23Page - ABB PSCT-75 Datasheet HTML 24Page - ABB PSCT-75 Datasheet HTML 25Page - ABB PSCT-75 Datasheet HTML 26Page - ABB PSCT-75 Datasheet HTML 27Page - ABB PSCT-75 Datasheet HTML 28Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
1/20 | ABB Spare parts
1
Spare parts contactors
Classic products
Auxiliary contact blocks
Description
The auxiliary contact blocks are used for the operation of auxiliary circuits and control circuits.
Types of auxiliary contact blocks for standard industrial environments:
– CAL
instantaneous with N.O. + N.C. contacts
– CCL
N.O. leading contact + N.C. lagging contact.
The auxiliary contact blocks are equipped with screw type connecting terminals delivered open,
protected against accidental direct contact, and bear the corresponding function marking.
Mounting: Screwed onto the right and / or lefthand side of the EK110 ... EK1000 contactors.
Ordering details
For contactors
Number
of blocks
Auxiliary
contacts
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
EH, EK, EHDB
1
1 1 –
–
CAL16-11A
SK829002-A
1
0.050
EH, EK, EHDB
1
1 1 –
–
CAL16-11B
SK829002-B
1
0.050
EH, EK, EHDB
1
1 1 –
–
CAL16-11C
SK829002-C
1
0.050
EH, EK, EHDB
1
1 1 –
–
CAL16-11D
SK829002-D
1
0.050
EH, EK
1
1 –
–
1 CCL16-11E (1)
SK829002-E
1
0.050
(1) Mounting of CCL16-11E blocks does not allow an additional second block to be added on top of it.
All DC operated EK... contactors are equipped with one CCL16-11E on the right side.
Mounting positions
of the CAL16-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44