データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54HC40103 データシート(PDF) 9 Page - STMicroelectronics

部品番号 M54HC40103
部品情報  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC40103 データシート(HTML) 9 Page - STMicroelectronics

Back Button M54HC40103 Datasheet HTML 5Page - STMicroelectronics M54HC40103 Datasheet HTML 6Page - STMicroelectronics M54HC40103 Datasheet HTML 7Page - STMicroelectronics M54HC40103 Datasheet HTML 8Page - STMicroelectronics M54HC40103 Datasheet HTML 9Page - STMicroelectronics M54HC40103 Datasheet HTML 10Page - STMicroelectronics M54HC40103 Datasheet HTML 11Page - STMicroelectronics M54HC40103 Datasheet HTML 12Page - STMicroelectronics M54HC40103 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EXAMPLE OF TYPICAL APPLICATION
PROGRAMMABLE DIVIDE-BY-N COUNTER
• fOUT =
fIN
N
+ 1
•Timing chart when N = ”3”
(J0, J1 = VCC, J2 – J7 = GND)
• HC40102... 1/2 to 1/100 are dividable
• HC40103... 1/2 to 1/256 are dividable
PARALLEL CARRY CASCADING
* At synchronous cascade connection, huzzerd occurs at C0 output after its second stage when digitplace changes, due to delay arrival. Therefore,
take gate from HC32 or the like, not from C0 output at the rear stage directly.
PROGRAMMABLE TIMER
Note :The above formula does not take into account the phase of clock input. Therefore, the real pulse width is the distance between the
above formula-1/fIN
∼ the above formula.
M54/M74HC40102/40103
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14