| データシートサーチシステム |
|
DIA1412CMP8 データシート(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIA1412CMP8 データシート(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD |
|
16 / 34 page ![]() DIA1412 Version 1.0, Jul 2024 www.dioo.com © 2024 DIOO MICROCIRCUITS CO., LTD. 12 10.Application Information Important notice: Validation and testing are the most reliable ways to confirm system functionality. The application information is not part of the specification and is for reference purpose only. A host device can perform thermal management using DIA1412. The DIA1412 can directly measure the temperature of the internal BJT and one external temperatures. The _____ ALERT and ______ THERM/ADDR pins can be asserted to achieve two levels of overtemperature alarm. Typical application diagram for the chip is shown in Figure 5. The supported configurations for the external BJTs are as shown in the following figures. The DIA1412 supports PNP and diode-connected NPN for DP and DN, as shown in Figure 6 and Figure 7. Figure 5. System design for DIA1412 Figure 6. Typical remote substrate transistor (e.g. CPU substrate PNP or 2N3906) Figure 7. Typical remote discrete NPN transistor (e.g. 2N3904) |