データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPG2 データシート(PDF) 51 Page - ABB

部品番号 OPG2
部品情報  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OPG2 データシート(HTML) 51 Page - ABB

Back Button OPG2 Datasheet HTML 47Page - ABB OPG2 Datasheet HTML 48Page - ABB OPG2 Datasheet HTML 49Page - ABB OPG2 Datasheet HTML 50Page - ABB OPG2 Datasheet HTML 51Page - ABB OPG2 Datasheet HTML 52Page - ABB OPG2 Datasheet HTML 53Page - ABB OPG2 Datasheet HTML 54Page - ABB OPG2 Datasheet HTML 55Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 192 page
background image
—
Fourth poles, simultaneous function with the main contacts OT16...125
Mountable on the side of the 3-pole switch frame.
Suitable for switches
Type
Order code
Weight/
unit
kg
For DIN rail and base mounted switches
OT16...40F3/F6
OTPS40FPN1 *) 1SCA105001R1001
0.03
OTPS40FPN2 *)
1SCA105000R1001
0.06
OT63...80F3/F6
OTPS80FP
1SCA105461R1001
0.14
OT30...60F3/F6
OTPS60FP
1SCA111009R1001
0.30
OT100...125F3/F6
OTPS125FP
1SCA105099R1001
0.30
OT63ML3
OTPS63MLP
1SCA022530R6580
0.08
OT125M3
OTPS125MP
1SCA022436R9110
0.08
For door mounted switches
OT16...40FT3
OTPS40FDN1 *) 1SCA104999R1001
0.06
OTPS40FDN2 *) 1SCA104998R1001
0.14
OT63...80FT3
OTPS80FD
1SCA105458R1001
0.30
OT30...60F3/F6
OTPS60FD
1SCA111008R1001
0.30
OT100...125FT3
OTPS125FD
1SCA105096R1001
0.30
—
Fourth poles, late-break and early-make
Mountable on the side of the switch. There is a time difference between the main poles and
the fourth pole.
Suitable for switches
Type
Order code
Weight/
unit
kg
For OT switch-disconnectors
OT16...40F3/F6
OTPL40FP
1SCA105717R1001
0.03
OT63...80F3/F6
OTPL80FP
1SCA105452R1001
0.06
OT100...125F3/F6
OTPL125FP
1SCA105090R1001
0.14
For door mounted switches
OT16...40FT3
OTPL40FD
1SCA105716R1001
0.03
OT63...80FT3
OTPL80FD
1SCA105451R1001
0.06
OT100...125FT3
OTPL125FD
1SCA105088R1001
0.14
*) N1=On the left side of the switch
N2=On the right side of the switch
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for fourth poles
OTPL125FD
OTPS125FD
OTPS40FDN1
OTPL80FP
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
51
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More