| データシートサーチシステム |
|
OPG2 データシート(PDF) 102 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 データシート(HTML) 102 Page - ABB |
|
102 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings 100 3.94 126 4.96 25 0.98 13,5 0.53 40 1.57 6 0.24 99 3.90 159,4 6.28 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 3-pole: 472,5 / 18.60 4-pole: 598,5 / 23.56 126 4.961 73,5 2.89 308,5 12.15 237,5 9.35 127 5.00 167 6.57 129,5 5.10 3-pole: 432 / 17.01 4-pole: 558 / 21.97 28 1.10 15 0.59 85,2 3.35 OT2000...2500 Mechanism between the poles 3-pole: 432 / 17.01 4-pole: 558 / 21.97 129,5 5.10 6 0.24 25 0.98 13,5 0.53 40 1.57 232 9.13 223,2 8.79 176 6.93 15 0.59 28 1.10 42 1.65 103 4.05 100 3.94 126 4.96 126 4.96 99 3.90 159,4 6.28 73,5 2.89 3-pole: 472,5 / 18.60 4-pole 598.5 / 23.56 167 6.57 127 5.00 237,5 9.35 308,5 12.15 85,2 3.35 mm in OT2000...2500 Mechanism at the end of the switch Main dimensions mm, inches 102 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 102 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |