| データシートサーチシステム |
|
OPG2 データシート(PDF) 111 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 データシート(HTML) 111 Page - ABB |
|
111 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA 0,39 10 A1 A2 0,71 18 B1 B2 0,98 25 C1 C2 17,5 mm in 0,69 43 1,69 10 0,39 0,16 4 0,35 9 Ø 122 4,80 57 2,24 100 3,94 53 2,09 A B 20 0,79 170 6,69 150 5,91 1,32 33,5 0,12 3 83/35,5 3,27/1,40 35 1,38 25 0,98 6 0,24 45 1,77 65 2,56 14 0,55 min 70 2,76 140...205 5,51 8,07 (OXP 6x161) M00009/OT200U01_04 E OT200 [mm/in] U01 U02 U03 U04 A - 43/1,69 43/1,69 43/1,69 B 83,5/3,24 126,5/4,98 169,5/6,67 212,5/8,37 A1 114/4,49 114/4,49 114/4,49 114/4,49 A2 63/2,48 106/4,17 149/5,87 192/7,56 B1109,5/4,31109,5/4,31109,5/4,31 109,5/4,31 B279/3,11122/4,80 165/6,50 208/8,19 C184/3,3184/3,31 84/3,31 84/3,31 C293/3,66136/5,35 179/7,05 222/8,74 0,39 10 A1 A2 0,71 18 B1 B2 0,98 25 C1 C2 17,5 mm in 0,69 43 1,69 10 0,39 0,16 4 0,35 9 Ø 122 4,80 57 2,24 100 3,94 53 2,09 A B 20 0,79 170 6,69 150 5,91 1,32 33,5 0,12 3 83/35,5 3,27/1,40 35 1,38 25 0,98 6 0,24 45 1,77 65 2,56 14 0,55 min 70 2,76 140...205 5,51 8,07 (OXP 6x161) M00009/OT200U01_04 E OT200 [mm/in] U01 U02 U03 U04 A - 43/1,69 43/1,69 43/1,69 B 83,5/3,24 126,5/4,98 169,5/6,67 212,5/8,37 A1 114/4,49 114/4,49 114/4,49 114/4,49 A2 63/2,48 106/4,17 149/5,87 192/7,56 B1109,5/4,31109,5/4,31109,5/4,31 109,5/4,31 B279/3,11122/4,80 165/6,50 208/8,19 C184/3,3184/3,31 84/3,31 84/3,31 C293/3,66136/5,35 179/7,05 222/8,74 OT200U_ 122 100 B A 86 43 114 57 4 10 43 20 9 6 70 189...254 (OXP 6x210) 45 14 170 150 33,5 3 25 35 A1 A2 A3 B3 B1 B2 C3 C1 C2 OT 200 U11 U12 U13 U22 A B A1 A2 A3 B1 B2 B3 C1 C2 C3 96 / 3,78 131,5 / 5,18 114 / 4,49 106 / 4,17 53 / 2,09 109,5 / 4,31 122 / 4,80 61 / 2,40 84 / 3,31 136 / 5,35 68 / 2,69 96 / 3,78 174,5 / 6,87 114 / 4,49 149 / 5,87 53 / 2,09 109,5 / 4,31 165 / 6,50 61 / 2,40 84 / 3,31 179 / 7,05 68 / 2,68 96 / 3,78 217,5 / 8,56 114 / 4,49 192 / 7,56 53 / 2,09 109,5 / 4,31 208 / 8,19 61 / 2,40 84 / 3,31 222 / 8,74 68 / 2,68 139 / 5,47 217,5 / 8,56 114 / 4,49 192 / 7,56 96 / 3,78 109,5 / 4,31 208 / 8,19 104 / 4,09 84 / 3,31 222 / 8,74 111 / 4,37 ABB Oy Piirustus No. Document No. Teki Prepared Hyväksyi Approved Tarkasti Checked 13*OT200U11_22 F 2273 4547 05-06-20 T Rintamäenpää Low Voltage Products 65 0,16 0,39 1,69 0,79 2,24 4,49 0,35 3,94 4,80 3,39 1,69 0,12 0,98 2,76 7,44 10,00 0,55 min 0,98 1,38 1,77 0,24 2,56 mm in mm / in mm / in mm / in mm / in 83/35,5 3,27/1,40 5,91 6,69 12,5 0,49 122 100 B A 86 43 114 57 4 10 43 20 9 6 70 189...254 (OXP 6x210) 45 14 170 150 33,5 3 25 35 A1 A2 A3 B3 B1 B2 C3 C1 C2 OT 200 U11 U12 U13 U22 A B A1 A2 A3 B1 B2 B3 C1 C2 C3 96 / 3,78 131,5 / 5,18 114 / 4,49 106 / 4,17 53 / 2,09 109,5 / 4,31 122 / 4,80 61 / 2,40 84 / 3,31 136 / 5,35 68 / 2,69 96 / 3,78 174,5 / 6,87 114 / 4,49 149 / 5,87 53 / 2,09 109,5 / 4,31 165 / 6,50 61 / 2,40 84 / 3,31 179 / 7,05 68 / 2,68 96 / 3,78 217,5 / 8,56 114 / 4,49 192 / 7,56 53 / 2,09 109,5 / 4,31 208 / 8,19 61 / 2,40 84 / 3,31 222 / 8,74 68 / 2,68 139 / 5,47 217,5 / 8,56 114 / 4,49 192 / 7,56 96 / 3,78 109,5 / 4,31 208 / 8,19 104 / 4,09 84 / 3,31 222 / 8,74 111 / 4,37 ABB Oy Piirustus No. Document No. Teki Prepared Hyväksyi Approved Tarkasti Checked 13*OT200U11_22 F 2273 4547 05-06-20 T Rintamäenpää Low Voltage Products 65 0,16 0,39 1,69 0,79 2,24 4,49 0,35 3,94 4,80 3,39 1,69 0,12 0,98 2,76 7,44 10,00 0,55 min 0,98 1,38 1,77 0,24 2,56 mm in mm / in mm / in mm / in mm / in 83/35,5 3,27/1,40 5,91 6,69 12,5 0,49 Main dimensions mm, inches OT200U_ [mm/in] U01 U02 U03 U04 A - 43/1,69 43/1,69 43/1,69 B 83,5/3,24 126,5/4,98 169,5/6,67 212,5/8,37 A1 114/4,49 114/4,49 114/4,49 114/4,49 A2 63/2,48 106/4,17 149/5,87 192/7,56 B1 109,5/4,31 109,5/4,31 109,5/4,31 109,5/4,31 B2 79/3,11 122/4,80 165/6,50 208/8,19 C1 84/3,31 84/3,31 84/3,31 84/3,31 C2 93/3,66 136/5,35 179/7,05 222/8,74 M00009/OT200U01_04 E OT200U_ [mm/in] U11 U12 U13 U22 A 96/3,78 96/3,78 96/3,78 139/5,47 B 131,5/5,18 174,5/6,87 217,5/8,56 217,5/8,56 A1 114/4,49 114/4,49 114/4,49 114/4,49 A2 106/4,17 149/5,87 192/7,56 192/7,56 A3 53/2,09 53/2,09 53/2,09 96/3,78 B1 109,5/4,31 109,5/4,31 109,5/4,31 109,5/4,31 B2 122/4,80 165/6,50 208/8,19 208/8,19 B3 61/2,40 61/2,40 61/2,40 104/4,09 C1 84/3,31 84/3,31 84/3,31 84/3,31 C2 136/5,35 179/7,05 222/8,74 222/8,74 C3 68/2,68 68/2,68 68/2,68 111/4,37 M00016/OT200U11_22 F ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 111 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 111 |