データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CW1073AAFS データシート(PDF) 9 Page - CellWise Microelectronics

部品番号 CW1073AAFS
部品情報  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CELLWISE [CellWise Microelectronics]
ホームページ  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAFS データシート(HTML) 9 Page - CellWise Microelectronics

Back Button CW1073AAFS Datasheet HTML 5Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 6Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 7Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 8Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 9Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 10Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 11Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 12Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 13Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Min Typ Max Unit
9
*5 The external voltage source for the CO and DO terminal output current test is 0.5V
*4 The output high level of the CO terminal is high impedance state.
© 2017-2019 Cellwise Microelectronics
Drive current* 5
DO_PWM
terminal
*2 The charging over-temperature protection temperature depends on the setting of different resistors. The discharge over-temperature protection temperature defaults to the charging over-temperature protection temperature + 20°C, that is, the charging over-temperature protection temperature
kÿ
Test conditions
Pin output voltage
DO_PWM pull-down resistor *1
For detailed protection threshold selection, please refer to the selection guide table
project
describe
*3 All over-current protection (including over-current 1, over-current 2 and short-circuit protection) release delay time is 120ms
Oh
If the over-temperature protection temperature is 50ÿ, the over-temperature protection temperature for discharge is 70ÿ; the low-temperature protection temperature setting for charge and discharge is consistent with the high-temperature setting for charge and discharge;
CW1073
PWM
3.7
10.6
--
ÿA
VSS
Voltage
VSS
DO
CO logic low output
DO
70
V
PWM
CO terminal logic low level
Flat output voltage
ÿA
VDD>=11V
DO_
DO_PWM terminal logic low level
V
Flat output voltage
DO logic high output
DO terminal output current
10
VDD<11V
CO*4
V
DO_PWM logic high
CO terminal logic high level
DO logic low output
0.7
DO_PWM terminal logic high level
Voltage
Voltage
DO_PWM Pull-up resistor DO_
-680
ÿA
V
Flat output voltage
10.6
DO terminal logic low level
CO
0.7
VDD -
V
DO logic high output
V
VSS
DO_PWM logic high
ÿA
DO terminal logic high level
VDD>=11V
Voltage
VDD<11V
DO_PWM logic low
VDD -
V
CO terminal output current
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com