データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9039Q2M データシート(PDF) 13 Page - ESS Technology,Inc

部品番号 ES9039Q2M
部品情報  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M データシート(HTML) 13 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 10Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 11Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 12Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 13Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 14Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 15Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 16Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
VERSION 0.2.2
13
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Design Information
Each hardware mode pain can be configured with either a pull-up or pull-down resistor. Therefore, it is important that the pin
is configured to allow for the desired hardware modes. Some guidelines include the following:
• The HW0 and HW1 pins never require a pull up or pull-down resistor.
HW2/
MODE
AVDD or GPIO
47k
HW2/
MODE
47k
Pull-up
Pull-down
GND or GPIO
Figure 3 - Hardware Mode Pin Configurations
Muting
MUTE_CTRL (Pin 20) is used to control the muting of the output and enabling of the Automute feature while in Hardware
Mode:
HW MUTE Control (Pin 20)
Condition
0
Output Muted, No Automute
1
Output Unmuted, No Automute
Pull 0
Output Muted, Automute Enabled
Pull 1
Output Unmuted, Automute Enabled
Table 6 - Mute Control for HW Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More