| データシートサーチシステム |
|
M54HC4040M1R データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC4040M1R データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 13 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Source Sink Current Per Output Pin ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500 (*) mW Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. (*) 500 mW: ≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature: M54HC Series M74HC Series -55 to +125 -40 to +85 oC oC tr,tf Input Rise and Fall Time VCC = 2 V 0 to 1000 ns VCC = 4.5 V 0 to 500 VCC = 6 V 0 to 400 M54/M74HC4020/4040 5/13 |