| データシートサーチシステム |
|
APM32F103T8U6-R データシート(PDF) 10 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32F103T8U6-R データシート(HTML) 10 Page - Geehy Semiconductor Co., Ltd. |
|
10 / 78 page ![]() w w w. g e e h y. c o m P a g e 9 Figure 4 Distribution Diagram of APM32F103xB Series QFN36 Pins VDD_2 VSS_2 PA13 PA12 PA11 VDD_1 PA8 PA10 PA9 VDD_3 OSC_IN/PD0 OSC_OUT/PD1 NRST VSSA PA2 PA1 VDDA PA0-WKUP 1 2 3 4 5 9 8 6 7 27 26 25 24 23 19 20 22 21 28 29 30 31 32 36 35 33 34 10 11 12 13 14 15 16 17 18 QFN36 3.2 Pin function description Table2 Legends/Abbreviations Used in Output Pin Table Name Abbreviations Definitions Pin Name Unless otherwise specified in the bracket below the pin name, the pin functions during and after reset are the same as the actual pin name Pin type S Power pin I Only input pin I/O I/O pin I/O structure FT FT I/O 5Tf FT I/O, FM+ function STDA 3.3V standard I/O, directly connected to ADC STD 3.3V standard I/O BOOT0 Dedicated Boot0 pin NRST Bidirectional reset pin with built-in weak pull-up resistor Cautions Unless otherwise specified in the notes, all I/O is set as floating input during and after reset Pin Default Select/enable this function directly through peripheral register |