| データシートサーチシステム |
|
APM32F003F6P6-R データシート(PDF) 38 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32F003F6P6-R データシート(HTML) 38 Page - Geehy Semiconductor Co., Ltd. |
|
38 / 56 page ![]() www.geehy.com Page 37 Figure 10 SPI timing diagram—slave mode and CPHA=1(1) NSS Input MISO Output CPHA=1 CPOL=0 CPHA=1 MSB out BIT 6~1 OUT LSB OUT LSB IN Msb in BIT 6~1 IN tc(SCK) th(SI) tSU(SI) th(NSS) MOSI Input CPOL=1 SCK Input tSU(NSS) tW(SCKH) tW(SCKL) ta(SO) tV(SO) th(SO) tf(SCK) tr(SCK) tdls(SO) Note: The measuring points are set at CMOS levels: 0.3VDD and 0.7VDD. Figure 11 SPI timing diagram-main mode (1) High NSS input MOSI output MISO input MSB IN MSB OUT BIT 6~1 IN LSB IN LSB OUT BIT 6~1 OUT CPHA=0 CPOL=0 CPHA=0 CPOL=1 CPHA=1 CPOL=0 CPHA=1 CPOL=1 tc(SCK) th(MI) tv(MO) th(MO) SCK input SCK input tW(SCKH) tW(SCKL) tSU(MI) tr(SCK) tf(SCK) Note: the measuring points are set at CMOS levels: 0.3 VDD and 0.7 VDD. ADC characteristics Table 4212-bit ADC features Symbol Parameter Condition Min Typ Max Unit VDD Service voltage - 2.4 - 5.5 V fADC ADC frequency - 0.6 - 14 MHz CADC Internal sampling and holding capacitance - - - 5 pF RADC Sampling resistance - - - 1000 ohm |