| データシートサーチシステム |
|
AM6421 データシート(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421 データシート(HTML) 65 Page - Texas Instruments |
|
65 / 273 page ![]() Table 5-25. EQEP1 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] EQEP1_I (1) IO EQEP Index E16, R21, U6, V6 EQEP1_S (1) IO EQEP Strobe D16, P19, P4 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-26. EQEP2 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] EQEP2_A (1) I EQEP Quadrature Input A C17, R5 EQEP2_B (1) I EQEP Quadrature Input B D17, W5, Y4 EQEP2_I (1) IO EQEP Index A17, W4 EQEP2_S (1) IO EQEP Strobe B17, R1 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 5.3.9 FSI 5.3.9.1 MAIN Domain Table 5-27. FSI0 RX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] FSI_RX0_CLK I FSI Clock V19 FSI_RX0_D0 I FSI Data T17 FSI_RX0_D1 I FSI Data R16 Table 5-28. FSI0 TX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] FSI_TX0_CLK O FSI Clock T19 FSI_TX0_D0 O FSI Data Y21 FSI_TX0_D1 O FSI Data Y20 Table 5-29. FSI1 RX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] FSI_RX1_CLK I FSI Clock W20 FSI_RX1_D0 I FSI Data W21 FSI_RX1_D1 I FSI Data V18 Table 5-30. FSI1 TX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] FSI_TX1_CLK O FSI Clock N16 FSI_TX1_D0 O FSI Data P17 FSI_TX1_D1 O FSI Data Y18 www.ti.com AM6442, AM6441, AM6422, AM6421, AM6412, AM6411 SPRSP56J – JANUARY 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 |