データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EXMPROSUB データシート(PDF) 1 Page - YORKVILLE

部品番号 EXMPROSUB
部品情報  2 X 10-INCH BATTERY POWERED SUBWOOFER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YORKVILLE [YORKVILLE]
ホームページ  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

EXMPROSUB データシート(HTML) 1 Page - YORKVILLE

  EXMPROSUB Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
System Type
Subwoofer
Powered or Passive
Battery Powered
Battery Life (Per Charge)
5.5 Hours
Program Power (watts)
800 watts peak
500 watts program
Max SPL (dB)
122dB continuous
Frequency Response (Hz +/- 3dB)
47 - 100Hz
Crossover Frequency (Hz)
100 Hz lowpass
Power Consumption (While Charging)
150 Watts
LF Woofer
2 x 10” (2” Voice Coil)
LF Amplifier Type
Class D
Cooling Scheme
Convection
Power Cable
Yes (Detachable IEC)
Level Controls
Sub Level
Inputs
2 x (L&R) XLR / 1/4” Combi-jack,
Bluetooth, 3.5mm Stereo
Outputs
2 x XLR (L&R) High Pass Out,
XLR Full Range Mix Out
LED Indicators
Power, Bluetooth,
Battery Level,
Charging Status, Clip
Bar Handles
2 (1 x Each Side)
Pole Mount Adapter (1 3/8-inch/3.5cm)
1 Top, 1 Side
Enclosure Materials
15mm Birch Plywood
Grille
Powdered Coated
Perforated Steel
Covering / Finish
ABS Laminated
Dimensions (DWH xbackW, inches)
20 x 15.5 x 27
Dimensions (DWH xbackW, cm)
51 x 39 x 60
Weight (lbs/kg)
67 / 30.5
Box Dimensions (LxWxH, inches)
22.5 x 17.5 x 28.25
Box Dimensions (LxWxH, cm)
57.2 x 44.5 x 72
Specifications subject to change without notice
Features
l
800 Watts (Peak) 500 Watts (Program)
l
Max SPL 128dB Peak (122dB Continuous)
l
2 x 10-inch woofer with 2-inch Voice Coil
l
Bass Reflex Design
l
Minimum 5.5 hour battery life per charge
l
Bluetooth streaming
l
Made in Canada
Overview
Introducing the EXM ProSUB, the world’s most powerful portable
battery-powered subwoofer. Performers of all kinds can now go
wireless on a club-grade level without compromising the low end
of their sound.
Equipped with two high output 10- inch neodymium woofers and
800 Watts of power, the EXM ProSUB delivers tremendous bass
never before achieved by a portable wireless speaker.
The EXM ProSUB is compatible with most PA speakers and works
wirelessly with the EXM Mobile8 using Bluetooth technology.
With a battery life of 5.5 hours at maximum output, this subwoofer
is built for mobile & wireless gigs anywhere.
yorkville.com
EXM ProSUB
2 X 10-INCH BATTERY POWERED SUBWOOFER
EXM ProSUB


同様の部品番号 - EXMPROSUB

メーカー部品番号データシート部品情報
logo
YORKVILLE
EXMPRO10 YORKVILLE-EXMPRO10 Datasheet
833Kb / 1P
10-INCH BATTERY POWERED LOUDSPEAKER
EXMPRO12 YORKVILLE-EXMPRO12 Datasheet
761Kb / 1P
12-INCH BATTERY POWERED LOUDSPEAKER
More results

同様の説明 - EXMPROSUB

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Infineon Technologies A...
IRF60B217 INFINEON-IRF60B217 Datasheet
234Kb / 10P
Battery powered circuits
2016-01-05
IRF60R217 INFINEON-IRF60R217 Datasheet
476Kb / 11P
Battery powered circuits
2016-01-05
logo
Advanced Monolithic Sys...
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
Shenzhen Huazhimei Semi...
HM6220 HMSEMI-HM6220 Datasheet
451Kb / 6P
Battery-powered equipment
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com